Part Number Hot Search : 
G4PH50S CTDO1 7D271 HN3A51F M800H HN3A51F 1N5819 16080
Product Description
Full Text Search
 

To Download TYCOELECTRONICS-TE630R-BL02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  630 series cmr cat 6 utp cable te630r description te connectivity's 630 series cable is te's highest performing category 6 cable, featuring a star fller to provide additional headroom on key parameters. 630 series category 6 cables exceed ansi/tia-568-c category 6 and iso/iec 11801 classe performance requirements by signifcant margins on all parameters. the te category 6 system complies with all of the performance requirements for current and proposed applications such as gigabit ethernet (1000base-tx), 10/100base-tx, token ring, 155 mbps atm, 100 mbps tp-pmd, isdn, analog and digital video and analog and digital voice (voip). 630 series category 6 utp cables are available in standard colors including white, gray, blue and yellow. category 6 cables from te feature lead-free jacketing. packaging is on reels or reel-in-a-box, with standard put-ups being 1000 ft splice-free lengths. specification horizontal cabling shall be 24 awg, 4-pair utp, nec/nfpa cmr rated and be independently verifed for compliance. cable jacketing shall be white, gray, blue or yellow and shall be lead-free. cable shall exceed all ansi/tia and iso category 6 /class e requirements as well as meet the performance requirements listed in the table shown on page 2. cable performance shall be independently verifed and characterized to 600 mhz. cable shall be supplied on reels or reel-in- a-box . independent verifcation for fammability compliance shall be to nec article 800 and nfpa 70; cmr ansi/ul 1666. horizontal cable shall be te part number te630r- xxyy . jacket nominal diameter 0.235? conductor insulation core: 4 pairs, cabled together pairs: twisted with different lays filler
630 series cmr cat 6 utp cable te630r 2 performance data freq mhz fitted impedance ohms insertion loss db/100 m return loss db/100 m pair-pair next db/100 m psnext db/100 m spec max spec min spec min spec min spec 1 100+/-5 1.8 2.0 26.2 20.0 85.1 74.3 88.6 72.3 4 100+/-3 3.6 3.8 30.8 22.9 76.9 65.3 77.3 63.3 8 100+/-3 5.1 5.3 33.3 24.5 75.9 60.8 80.5 58.8 10 100+/-3 5.8 6.0 34.0 25.0 75.4 59.3 76.6 57. 3 16 100+/-3 7. 4 7. 6 37.1 25.0 71.3 56.2 74.4 54.2 20 100+/-3 8.2 8.5 37.0 25.0 73.4 54.8 66.9 52.8 25 100+/-3 9.3 9.5 37. 4 24.3 68.7 53.3 68.2 51.3 31.25 100+/-3 10.4 10.7 37. 8 23.6 69.6 51.9 71.1 49.9 62.5 100+/-3 14.9 15.4 33.9 21.5 66.0 47. 4 62.6 45.4 100 100+/-3 19.1 19.8 30.3 20.1 60.0 44.3 60.2 42.3 155 100+/-3 24.1 25.2 27. 2 18.8 57.7 41.4 56.2 39.4 200 100+/-3 27. 6 29.0 27. 6 18.0 56.9 39.8 57. 4 37. 8 250 100+/-3 31.0 32.8 25.1 17.3 52.8 38.3 50.5 36.3 300 100+/-3 34.3 C 24.3 C 52.6 C 52.1 C 350 100+/-3 37. 2 C 22.3 C 53.0 C 51.0 C 400 100+/-3 39.9 C 21.5 C 49.9 C 48.7 C 400 100+/-3 42.7 C 19.9 C 46.4 C 47.0 C 450 100+/-3 45.3 C 18.7 C 39.0 C 42.6 C 550 100+/-3 47. 4 C 15.5 C 40.5 C 35.3 C 600 100+/-3 47. 5 C 13.4 C 38.3 C 30.6 C performance data freq mhz pair-pair acr db/100 m psacr db/100 m pair-pair acrf db/100 m psacrf db/100 m tcl db/100 m eltctl db/100 m min spec min spec min spec min spec min min 1 83.5 72.3 82.9 70.3 72.8 67.8 72.7 64.8 40.0 35.0 4 73.4 61.5 73.0 59.5 61.4 55.8 61.4 52.8 40.0 23.0 8 71.1 55.4 70.0 53.4 55.8 49.7 55.7 46.7 40.0 16.9 10 70.0 53.3 68.1 51.3 53.8 47.8 53.6 44.8 40.0 15.0 16 64.2 48.7 60.0 46.7 53.7 43.7 49.7 40.7 38.0 10.9 20 65.5 46.3 62.2 44.3 49.8 41.8 47.7 38.8 37.0 9.0 25 59.5 43.8 62.3 41.8 47.8 39.8 45.9 36.8 36.0 7.0 31.25 59.7 41.2 57.8 39.2 45.8 37.9 44.1 34.9 35.1 5.1 62.5 52.2 32.0 59.0 30.0 44.0 31.9 37.8 28.9 32.0 C 100 41.0 24.5 49.7 22.5 38.0 27.8 34.0 24.8 30.0 C 155 34.7 16.3 39.1 14.3 34.2 24.0 30.6 21.0 28.1 C 200 30.4 10.8 33.5 8.8 28.8 21.8 28.8 18.8 27.0 C 250 23.0 5.5 29.2 3.5 27.6 19.8 27.3 16.8 26.0 C 300 19.6 C 18.4 C 26.5 C 26.4 C C C 350 17.3 C 15.9 C 25.7 C 25.8 C C C 400 13.4 C 12.2 C 25.1 C 25.3 C C C 400 6.4 C 6.0 C 25.0 24.4 C C C 400 -3.9 C -4.0 C 25.4 24.8 C C C 550 -4.2 C -4.7 C 23.3 C 22.4 C C C 600 -5.6 C -5.1 C 20.8 C 19.6 C C C note: the above listed discrete frequency electrical performance values are provided for engineering information only. actual compliance testing is based on swept frequency measurements. www.te.com/enterprisenetworks??+1-800-553-0938??fax: 1-717-986-7406??8/12?311470ae
data sheet tyco electronics corporation, a te connectivity ltd. company. all rights reserved. 311470ae?8/12?revision ? 2012, 2011 te connectivity, te connectivity (logo), tyco electronics, te (logo) are trademarks of the te connectivity ltd. family of companies and its licensors. while te connectivity has made every reasonable effort to ensure the accuracy of the information in this document, te?connectivity does not guarantee that it is error-free, nor does te connectivity make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current. te connectivity reserves the right to make any adjustments to the information contained herein at any time without notice. te connectivity expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose. the dimensions in this document are for reference purposes only and are subject to change without notice. specifications are subject to change without notice. consult te?connectivity for the latest dimensions and design specifications. 630 series cmr cat 6 utp cable te630r specifications mutual capacitance: 5.6 nf/100 m maximum conductor dc resistance: 28.6 /1000 ft (9.38 /100 m) maximum voltage: 300 vdc delay skew: 25 ns/100 m propagation delay: 485 ns/100 m @ 250 mhz nominal velocity of propagation: 69% operating temperature: -20 c C 60 c (-4 f C 140 f) storage temperature: -20 c C 80 c (-4 f C 176 f) installation temperature: 5 c - 50 c (41 f - 122 f) bend radius: 4 cable diameter packaging: 1000' reel-in-a-box: 31 lbs/kft 1000' reel: 28 lbs/kft materials: conductors: 24 awg, solid copper (0.0216" nominal) insulation: ?.038 nominal, polyethylene jacket: ?.235 nominal, fr pvc compliances: ul subject 444 (ul)-c(ul) type cmr icea s-90-661 etl verified tia-568-c.2 category 6 horizontal cable requirements iso/iec 11801 category 6 horizontal cable requirements 2002/95/ec rohs ordering information product description packaging part numbers category 6 utp cable, 4-pair, riser (cmr) rated 1000' reel-in-box te630r-xxrb 1000' reel te630r-xx02 *additional reel sizes available, please contact te customer service. the following jacket colors are available. replace xx with: bl= blue wt=white gy=gray yl=yellow gn=green bk=black rd=red or=orange vt=violet bn=brown contact us: greensboro, nc usa 27409-8420 tel: 1-800-553-0938 fax: 1-717-986-7406 www.te.com/enterprisenetworks


▲Up To Search▲   

 
Price & Availability of TYCOELECTRONICS-TE630R-BL02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X